PART |
Description |
Maker |
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
CEN-U01BA CEN-U51BA CEN-U95 2N6548 2N6549 2N6552 2 |
Leaded Power Transistor Darlington Leaded Power Transistor General Purpose Power Transistors POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-202
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N4912 |
POWER TRANSISTORS(1A,80V,25W) 1 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-66 POWER TRANSISTORS(1A80V25W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MJD112 MJD1121 MJD112T4 MJD117 ON1996 MJD112-1 |
Complementary Darlington Power Transistors SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MJD122 MJD127 MJD127T4 ON1997 MJD122-1 MJD122T4 MJ |
From old datasheet system SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATTS Complementary Darlington Power Transistors
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
IMD10A A5800482 IMD10 |
Transistors > Complex Digital Transistors Power management (dual digital transistors) From old datasheet system
|
Rohm
|
BD442 BD439 BD441 4130 BD440 -BD441 -BD442 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
2N6678 2N6677 2N6676 |
POWER TRANSISTORS(15A175W) POWER TRANSISTORS(15A,175W)
|
MOSPEC[Mospec Semiconductor]
|